Part Number Hot Search : 
40N60 C14C5 25001 1N4552B 00AT90M 91YCT RD07MUS C3100A15
Product Description
Full Text Search
 

To Download MBRF1045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbrf1020ct thru mbrf10100ct 10 amp schottky barrier rectifier 20 to 100 volts features low power loss high efficiency low forward voltage , high current capability high surge capacity case : ito-220ab full molded plastic package maximum ratings operating junction temperature: -5 0 c to +150 c storage temperature: -5 0 c to +150 c electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 10 a t c = 100 c peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage 1020ct-1045ct 1050ct-1060ct v f .55v .75v i fm = 5a; maximum dc reverse current at rated dc blocking voltage                        i to-220ab t j = 25 c pin 1 pin 3 pin 2 a b c k j i h g e d n m l h pin 13 2  inches mm              a . 583 .6 06 14. 80 15. 40 b --- . 4 0 6 --- 10.30 n .0 98 .11 4 2. 50 2.9 0         i r 1080ct-10100ct .85v o f c .100 .1 12 2.5 5 2.85 d .2 48 .27 2 6 . 30 6. 90 e --- . 1 6 1 - - - 4.10 f --- . 0 7 1 --- 1.80 g . 512 .5 43 13.00 13.80 h .100 2.55 i --- . 035 --- 0.90 j --- . 032 --- 0.80 k .1 18 .1 34 3.00 3.40 l --- . 189 --- 4.8 0 m --- . 130 --- 3.30 o --- . 055 --- 1.40 0.5m a t c = 25 c 50m a t c = 100 c        
 omp onents 21201 itasca street chatsworth             !  " #   $
%         !   " #    mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbrf1030ct f1030ct 30v 21v 30v mbrf1040ct f1040ct 40v 2 8 v 40v mbrf1020ct f1020ct 20v 14v 20v mbrf10 45 ct f10 45 ct 45 v 31.5 v 45 v mbrf10100ct f10100ct 100v 70v 100v mbrf1050ct f1050ct 50v 35v 50v mbrf1060ct f1060ct 60v 42v 60v mbrf1080ct f1080ct 80v 56v 80v www.kersemi.com
mbrf1020ct thru mbrf10100ct 10 8 6 4 2 0 0 50 100 150 c a s e t e m p e r a t u r e , j 40 20 10 8 6 4 2 1 . 0 . 8 . . 6 . 4 . 2 . 1 . 4 . 5 . 6 . 7 . 8 9 1 . 0 1 . 1 5 0 . 6 0 v 20 . 30 . 40 v t j = 2 5 j p u l s e w i d t h = 2 0 0 g s 80 . 100 v i n s t a n t a n e o u s f o r w a r d c h a r a c t e r i s t i c f i g . 1 - f o r w a rd curr e n t d e r a t i n g cur ve f i g . 2 - t y p i c a l i n s t n a t a n e o u s f o r w a rd ch a r a c t e r i s t i c 150 130 110 90 70 50 30 20 10 1 2 5 10 20 50 100 8 . 3 m s s i n g l e h a l f s i n e w av e j e d e c m e t h o d n o . o f c y c l e s a t 6 0 h z 100 10 1 . 0 . 1 . 01 0 100 200 300 t c = 100 j t c = 75 j t c = 25 j f i g . 4 - m ax i m u m n o n - r epe t i t i ve s ur g e curr e n t f i g . 3 - t y p i c a l r eve r se ch a r a c t e r i s t i c s 400 350 300 250 200 150 1 2 5 20 50 100 200 500 t j = 25 j r e v e r s e v o l t a g e , v o l t s f i g . 5 - t y p i c a l j unc t i o n c apa c i t a nc e average forward current, a m peres i n s tantaneous forward current amperes i nstantaneous reverse current, millamperes p eak forward surge current, amperes capacitance, pf www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBRF1045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X